PART |
Description |
Maker |
APTM100UM45DAG |
Single Switch Series Diodes
|
Microsemi
|
APTM50UM13SAG |
Single Switch Series And Parallel Diodes
|
Microsemi
|
APTM100UM65DAG |
Single switch with Series diode MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM120U10DAG |
Single switch with Series diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM120UM70D-ALN |
Single switch with Series diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTGF200U120DG |
Single Switch with Series diodes NPT IGBT Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTM50UM25S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTM50UM19S |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTM120U10SA |
Single switch Series & parallel diodes MOSFET Power Module
|
ADPOW[Advanced Power Technology]
|
APTGL475U120DAG |
Single switch with Series diode Trench Field Stop IGBT4
|
Microsemi Corporation
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
RZ-1205S RZ-XX05S RZ-0505 RZ-0505S RZ-0512S RZ-051 |
0.5 Watt SMD Isolated Single Output 0.5瓦单输出隔离贴片 ZV Series, Subminiature Basic Switch, SPDT, 125/250 Vac, 0.1 A, Pin Plunger Actuator, Quick Connect Termination 5015 RR 14#16 PIN RECP ZV Series, Subminiature Basic Switch, SPDT, 6(2)A 250 Vac, 6 A, Straight Lever Actuator, Quick Connect Termination
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|